Part Number Hot Search : 
LT1765 4501GM E000983 OPB856Z EZ1216 AIVR1004 MSS1038 71C05B
Product Description
Full Text Search
 

To Download 1N6940UTK3AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lds - 0298 , rev . 1 ( 13 0371 ) ?201 3 microsemi corporation page 1 of 5 1n6940u tk 3 C 1n694 2utk 3, as and cs available on commercial versions thinkey tm silicon s chottky d iode qualified per mil - prf - 19500/72 6 qualified levels : jan, jantx, and jantxv description this defense logistics agency (dla) qualified s chottky diodes offer great value for aerospace and defense applications requiring high density power and excellent heat dissipation ( typically 0.25 C 0. 35 degrees c per watt (c/w)) . the 1n69 40 utk 3 as through 1n69 4 2utk 3 as device pol arity is anode - to - strap (standard) and is also available optionally in 1n69 40 utk 3 cs through 1n69 4 2utk 3 cs as cathode - to - strap. this part can also be ordered in a strapless version. u p- screening for high - reliability applications is also available . microsemi also offers numerous other products to meet higher and lower power voltage regulation applications. thinkey tm 3 package important: for the latest information, visit our website http://www.microsemi.com . features ? jedec registered 1n 69 40 C 1n69 4 2 number series . ? oxide passivated structure. ? guard ring protection for increased reverse energy capability. ? epitaxial structure minimizes forward voltage drop. ? hermetically sealed, low profile ceramic surface mount power package. ? jan, jantx, and jantxv qualifications are available per mil - prf - 19500/72 6. (s ee part nomenclature for all available options). ? rohs compliant versions available (commercial grade only) . applications / benefits ? low package inductance . ? very low thermal resistance . ? a lso a vailable with no strap as 1n69 40 utk 3 , 1n69 4 1utk 3 and 1n69 4 2utk 3 by special request. ? rugged ceramic and metal construction with no wire bonds. ? high surge capabilities and enable dou ble - side cooling. maximum ratings @ t c = +25 c, unless otherwise noted msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters / test conditions symbol value unit junction and storage temperature range t j and t stg - 65 to +150 c thermal resistance junction to case ( anode - to - strap ) r ? jc 0. 25 c/w thermal resistance junction to case ( cathode - to - strap ) ( also applicable to strapless option ) r ? jc 0. 35 c/w working peak reverse voltage : 1n69 40 utk 3,cs,as 1n69 4 1utk 3,cs,as 1n69 4 2utk 3,cs,as v rwm 15 30 45 v average rectified output current , t c = +100 c i o 150 a non - repetitive peak surge current ( tp = 8.3 ms, half sine - wave ) i fsm 2000 a (pk) downloaded from: http:///
lds - 0298 , rev . 1 ( 13 0371 ) ?201 3 microsemi corporation page 2 of 5 1n6940u tk 3 C 1n694 2utk 3, as and cs mechanical and packaging ? case: ceramic -m olybdenum thinkey 3. ? terminals: tin/lead s older or rohs compliant m atte/ t in (on commercial grade only) plating . ? marking: part number and p olarity s ymbol . ? polarity: standard is a node to s trap. reverse is c athode to s trap . ? weight: approximately 1.7 grams. ? see p ackage d imensions on page 4. part nomenclature jan 1n69 40 u tk 3 as (e3) reliability level jan = jan level jantx = jantx level jantxv = jantxv level blank = commercial jedec type number ( see electrical characteristic s t able ) surface mount package rohs compliance e3 = rohs c ompliant ( available on commercial grade only ) blank = non - rohs c ompliant polarity as= anode to strap (standard) cs=cathode - to -strap blank=no strap package size package class symbols & definitions symbol definitio n f frequency i f forward current, dc i r reverse current, dc t c case temperature t p pulse time v r reverse voltage, dc downloaded from: http:///
lds - 0298 , rev . 1 ( 13 0371 ) ?201 3 microsemi corporation page 3 of 5 1n6940u tk 3 C 1n694 2utk 3, as and cs electrical characteristics @ t a = +25 c, unless otherwise noted parameters / test conditions symbol m in m ax unit reverse (leakage) current v r = 15 v, tc = 25 c v r = 30 v, tc = 25 c v r = 45 v, tc = 25 c 1n69 4 0utk 3 , cs, as 1n69 4 1utk 3 , cs, as 1n69 4 2utk 3 , cs, as i r1 5.0 ma v r = 15 v, tc = +125 c v r = 30 v, tc = +125 c v r = 30 v, tc = +125 c 1n6940utk3, cs, as 1n6941 utk3, cs, as 1n6942utk3, cs, as i r2 1, 200 1, 200 500 ma v r = 45 v, tc = +125 c 1n6942utk3, cs, as i r3 1, 500 ma forward voltage pulse test, p ulse width tp = 300 s i f = 75 a (pk) , t c = + 25 c i f = 25 a (pk) , t c = + 25 c i f = 25 a (pk) , t c = + 25 c 1n6940utk3, cs, as 1n6941utk3, cs, as 1n6942utk3, cs, as v f1 0.43 0.42 0.40 v i f = 150 a (pk) , t c = + 25 c i f = 50 a (pk) , t c = + 25 c i f = 50 a (pk) , t c = + 25 c 1n6940utk3, cs, as 1n6941utk3, cs, as 1n6942utk3, cs, as v f2 0.50 0.50 0.46 v i f = 150 a (pk) , t c = +1 25 c i f = 150 a (pk) , t c = +1 25 c i f = 110 a (pk) , t c = +1 25 c 1n6940utk3, cs, as 1n6941utk3, cs, as 1n6942utk3, cs, as v f3 0.43 0.50 0.50 v i f = 150 a (pk) , t c = +1 25 c 1n6942utk3, cs, as v f4 0.57 v junction capacitance v r = 5 v , f = 1 mhz, v sig = 50 mv (p - p) 1n6940utk3, cs, as 1n6941utk3, cs, as 1n6942utk3, cs, as c j 10,000 7,500 7,000 pf breakdown voltage pulse test, tp = 35 ms i r = 50 ma (pk) , t c = 25 c 1n6940utk3, cs, as 1n6941utk3, cs, as 1n6942utk3, cs, as v ( br)1 16. 5 33 50 v i r = 50 ma (pk) , t c = - 55 c 1n6940utk3, cs, as 1n6941utk3, cs, as 1n6942utk3, cs, as v ( br)2 15 30 45 v downloaded from: http:///
lds - 0298 , rev . 1 ( 13 0371 ) ?201 3 microsemi corporation page 4 of 5 1n6940u tk 3 C 1n694 2utk 3, as and cs package dimensions notes: 1. dimensions are in inches. 2. millimeters are g iven for general information only. 3. in accordance with asme y14.5m, diameters are equivalent to x symbology. see pad layout on next page. dimensions ltr inch millimeters min max min max bl 0.420 0.440 10.67 11.18 bt - 0.115 - 2.92 blt - 0.125 - 3.18 c 0.469 0.509 11.91 12.93 e 0 .03 8 nom 0. 97 nom f 0.331 0.341 8.41 8.66 lc 0 .040 nom 1.02 nom lf 0 .055 0 .075 1.40 1.91 lt 0 .005 0 .015 0 .127 0 .381 lw 0.185 0.215 4.70 5.46 downloaded from: http:///
lds - 0298 , rev . 1 ( 13 0371 ) ?201 3 microsemi corporation page 5 of 5 1n6940u tk 3 C 1n694 2utk 3, as and cs pad layout downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N6940UTK3AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X